Part Number Hot Search : 
C3216X5 PQ1CG303 WF512 LS4148 ATT3209 54122 VC060326 ST72104G
Product Description
Full Text Search
 

To Download AS17016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a u s t ri a m i c r o s y s t e m s
AS1701, AS1706
1.6W Audio Power Amplifiers
D a ta S he e t
1 General Description
The AS1701 and AS1706 are 1.6W bridged audio power amplifiers that provide excellent circuit reliability, providing a very low-cost solution by eliminating external components when used with 2.7 to 5.5V-powered circuits. The devices have superb total harmonic distortion (THD) at high-power output and excellent power supply rejection with 4- and 8-loads. Integrated over-temperature and over-current protection circuitry switch the devices off in case of an output short-circuit. A digital input allows the devices to automatically switch into shutdown mode. Click- and popsuppression circuitry reduces audible clicks and pops during power-up and shutdown. The gain (AV) of the devices is controlled using external resistors. The AS1701/AS1706 are available in an 8-pin MSOP package.
2 Key Features
! ! ! ! ! ! ! ! ! !
2.7 to 5.5V (VDD) Single-Supply Operation Very High PSRR: Greater Than 65dB @ 217Hz THD+Noise: 1.6W into 4 at 1% No Output Coupling Capacitors Required External Gain Configuration Capability Low-Power Shutdown Mode: 10nA Click and Pop Suppression Over-Temperature and Over-Current Protection Operating Temperature Range: -40 to +85C 8-pin MSOP Package
3 Applications
The AS1701/AS1706 are ideal as audio front-ends for battery powered audio devices such as MP3 and CD players, mobile phones, PDAs, portable DVD players, and any other hand-held battery-powered device.
Figure 1. Typical Configuration Block Diagram
VDD 10F 20k RF
+
CS 6 VDD
Audio Input
CIN 0.33F
RIN 20k
4 IN3 IN+
- + 50k 40k
5 OUT+ 40k RL = 4 or 8 8 OUT-
2 0.1 to + 1F CB BIAS 1 SHDN
- VDD/2 + Av = -1 Bias 50k
AS1701/ AS1706
7
GND
www.austriamicrosystems.com
Revision 1.51
1 - 17
AS1701, AS1706 Data Sheet
austriam i c r o systems
4 Absolute Maximum Ratings
Stresses beyond those listed in Table 1 may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 3 is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Table 1. Absolute Maximum Ratings Parameter VDD to GND Any Other Pin to GND Input Current (Latchup Immunity) Continuous Power Dissipation Electro-Static Discharge (ESD) Operating Temperature Range (TAMB) Storage Temperature Range -40 -65 Min -0.3 -0.3 -100 Max +7 VDD + 0.3 100 362 1 +85 +150 Unit V V mA mW kV C C The reflow peak soldering temperature (body temperature) specified is in accordance with IPC/JEDEC J-STD020C "Moisture/Reflow Sensitivity Classification for Non-Hermetic Solid State Surface Mount Devices". JEDEC 78 TAMB = 70C, Derate 4.5mW/C Above +70C HBM MIL-Std883E 3015.7 Methods Comments
Soldering Conditions
+260
C
www.austriamicrosystems.com
Revision 1.51
2 - 17
AS1701, AS1706 Data Sheet
austriam i c r o systems
5V Operation
5 Electrical Characteristics
All specifications are 100% tested at TAMB = +25C. VDD = 5V, RL = , CBIAS = 0.1F to GND, SHDN = GND, TAMB +25C (unless otherwise specified). Table 2. DC Electrical Characteristics - 5V Operation Parameter Supply Voltage Range Supply Current Shutdown Supply Current SHDN Threshold
2 1
5V Operation
Symbol VDD IDD ISHDN
Conditions Inferred from PSRR Test TAMB = -40 to +85C SHDN = VDD VIH VIL
Min 2.7
Typ 6.8 0.01
Max 5.5 10.4 1
Units V mA A V
VDD x 0.7
Common-Mode Bias Voltage Output Offset Voltage
VBIAS
VOS PSRR POUT THD+N
Power Supply Rejection Ratio Output Power
3
VDD x 0.3 VDD/2 VDD/2 VDD/2 - 5% + 5% Av = 2, IN- = OUT+, IN- = BIAS 1 10 Inputs Grounded, VRIPPLE = 217Hz 65 200mVp-p, RL = 4, VIN- = VIN+ = 1kHz 63 VBIAS RL = 4, THD+N = 1%, fIN = 1kHz RL = 8, THD+N = 1%, fIN = 1kHz AV = 2, RL = 4, fIN = 1kHz, POUT = 1.3W AV = 2, RL = 8, fIN = 1kHz, POUT = 1W 0.8 1.6 1.2 0.09 0.05 145 9 150 1 20
V mV dB W % C C ms s mV
Total Harmonic Distortion+Noise Thermal-Shutdown Threshold Thermal-Shutdown Hysteresis Power-Up/Enable from Shutdown Time Shutdown Time Turn-Off Transient
tPU tSHDN VPOP
1. Quiescent power supply current is specified and tested without loads on the outputs. Quiescent power supply current depends on the offset voltage when a practical load is connected to the device. 2. Common-mode bias voltage is the voltage on pin BIAS and is nominally VDD/2. 3. Guaranteed by design.
3V Operation
VDD = 3V, RL = , CBIAS = 0.1F to GND, SHDN = GND, TAMB +25C (unless otherwise specified). Table 3. DC Electrical Characteristics - 3V Operation Parameter Supply Current Shutdown Supply Current
1
Symbol IDD ISHDN
Conditions TAMB = -40 to +85C
Min
Typ 6 0.01 0.6 0.4 65 63 0.09 0.06
Max Units 10 1 mA A W dB %
SHDN = VDD RL = 4, THD+N = 1%, fIN = 1kHz 2 POUT Output Power RL = 8, THD+N = 1%, fIN = 1kHz 217Hz VRIPPLE = 200mVp-p, Power Supply Rejection Ratio PSRR RL = 8, VIN- = VIN+ = VBIAS 1kHz AV = 2, RL = 4, fIN = 1kHz, POUT = 500mW Total Harmonic Distortion +Noise THD+N AV = 2, RL = 8, fIN = 1kHz, POUT = 350mW
1. Quiescent power supply current is specified and tested without loads on the outputs. Quiescent power supply current depends on the offset voltage when a practical load is connected to the device. 2. Guaranteed by design.
www.austriamicrosystems.com
Revision 1.51
3 - 17
AS1701, AS1706 Data Sheet
austriam i c r o systems
6 Typical Operating Characteristics
Figure 2. THD + Noise vs. Output Power; VDD = 3V, RL = 4, Av = 2
100 10
Figure 3. THD + Noise vs. Output Power; VDD = 3V, RL = 8, Av = 2
100 10
fIN = 1kHz
fIN = 1kHz
1
fIN = 10kHz
THD+N (%)
THD+N (%)
1 0.1 0.01
fIN = 10kHz
0.1
fIN = 100Hz
0.01 0.001 0 100 200 300 400 500 600 700 800
fIN = 100Hz
0.001 0 100 200 300 400 500 600
Output Power (mW)
Figure 4. THD + Noise vs. Output Power; VDD = 3V, RL = 4, Av = 4
100
Output Power (mW)
Figure 5. THD + Noise vs. Output Power; VDD = 3V, RL = 8, Av = 4
100 10
10
fIN = 1kHz
fIN = 1kHz
THD+N (%)
THD+N (%)
1
fIN = 10kHz
1
fIN = 10kHz
0.1
fIN = 100Hz
0.1
fIN = 100Hz
0.01
0.01 0.001 0 100 200 300 400 500 600 700 800 0 100 200 300 400 500 600
0.001
Output Power (mW)
Output Power (mW)
Figure 7. THD + Noise vs. Output Power; VDD = 5V, RL = 8, Av = 2
100 10
Figure 6. THD + Noise vs. Output Power; VDD = 5V, RL = 4, Av = 2
100 10
fIN = 1kHz
fIN = 1kHz
THD+N (%)
THD+N (%)
1
fIN = 10kHz
1 0.1
fIN = 10kHz
0.1
fIN = 100Hz
0.01 0.001
0.01 0.001
fIN = 100Hz
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Output Power (W)
Output Power (mW)
www.austriamicrosystems.com
Revision 1.51
4 - 17
AS1701, AS1706
austriam i c r o systems
Data Sheet
Figure 8. THD + Noise vs. Output Power; VDD = 5V, RL = 4, Av = 4
100 10
Figure 9. THD + Noise vs. Output Power; VDD = 5V, RL = 8, Av = 4
100 10
fIN = 1kHz
fIN = 1kHz
THD+N (%)
1
fIN = 10kHz
THD+N (%)
1
fIN = 10kHz
0.1
fIN = 100Hz
0.1
fIN = 100Hz
0.01 0.001 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4
0.01 0.001 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8
Output Power (W)
Figure 10. THD + Noise vs. Frequency; VDD = 3V, RL = 4, Av = 2
10
Output Power (W)
Figure 11. THD + Noise vs. Frequency; VDD = 3V, RL = 8, Av = 2
10
THD+N (%)
0.1
250mW 500mW
THD+N (%)
1
1
0.1
200mW 350mW
0.01 10 100 1000 10000
0.01 10 100 1000 10000
Frequency (Hz)
Figure 12. THD + Noise vs. Frequency; VDD = 5V, RL = 4, Av = 2
10
Frequency (Hz)
Figure 13. THD + Noise vs. Frequency; VDD = 5V, RL = 8, Av = 2
10
THD+N (%)
0.1
500mW 1.4W
THD+N (%)
1
1
0.1
300mW 700mW
0.01 10 100 1000 10000
0.01 10 100 1000 10000
Frequency (Hz)
Frequency (Hz)
www.austriamicrosystems.com
Revision 1.51
5 - 17
AS1701, AS1706
austriam i c r o systems
Data Sheet
Figure 14. THD + Noise vs. Frequency; VDD = 5V, RL = 4, Av = 4
10
Figure 15. THD + Noise vs. Frequency; VDD = 5V, RL = 8, Av = 4
10
THD+N (%)
500mW
0.1
THD+N (%)
1
1
1.4W
0.1
500mW 1W
0.01 10 100 1000 10000
0.01 10 100 1000 10000
Frequency (Hz)
Figure 16. Power Dissipation vs. POUT; VDD = 5V, Av = 2, RL = 4, f = 1kHz, THD+N<1%
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.0 0.3 0.6 0.9 1.2 1.5 1.8
Frequency (Hz)
Figure 17. Power Dissipation vs. POUT; VDD = 3V Av = 2, RL = 4, f = 1kHz, THD+N<1%
700
Power Dissipation (mW)
600 500 400 300 200 100 0
Power Dissipation (W)
Output Power (W)
Figure 18. Power Dissipation vs. POUT; VDD = 5V, Av = 2, RL = 8, f = 1kHz, THD+N<1%
1.0 0.8 0.6 0.4 0.2 0.0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
0
100
200
300
400
500
600
700
Output Power (mW)
Figure 19. Power Dissipation vs. POUT; VDD = 3V Av = 2, RL = 8, f = 1kHz, THD+N<1%
350
Power Dissipation (mW)
300 250 200 150 100 50 0 0 100 200 300 400 500
Power Dissipation (W)
Output Power (W)
Output Power (mW)
www.austriamicrosystems.com
Revision 1.51
6 - 17
AS1701, AS1706
austriam i c r o systems
Data Sheet
Figure 20. Output Power vs. Supply Voltage; f = 1kHz, RL = 4, Av = 2
3 2.5
Figure 21. Output Power vs. Supply Voltage; f = 1kHz, RL = 8, Av = 2
2 1.8 1.6
Output Power (W)
Output Power (W)
2
POUT@10% (W)
1.4 1.2 1 0.8 0.6 0.4 0.2 0
POUT@10% (W)
1.5
POUT@1% (W)
POUT@1% (W)
1 0.5 0 2.5 3.5 4.5 5.5
2.5
3.5
4.5
5.5
Supply Voltage (V)
Figure 22. PSRR vs. Frequency; VRIPPLE = 200mVPP CBP = CIN = 1F, RL = 4, Av = 2, In1 Grounded
-20 -30 -40 -50
VDD = 5V
Supply Voltage (V)
Figure 23. PSRR vs. Frequency; VRIPPLE = 200mVPP CBP = CIN = 1F, RL = 4, Av = 2, Floating Input
-20 -30 -40 -50
VDD = 5V
PSRR (dB)
PSRR (dB)
-60
VDD = 3V
-60 -70 -80
VDD = 3V
-70 -80 10 100 1000 10000 100000
10
100
1000
10000
100000
Frequency (Hz)
Figure 24. PSRR vs. Frequency; VRIPPLE = 200mVPP CBP = CIN = 1F, RL = 4, Av = 2, Inputs Grounded
-20 -30
Frequency (Hz)
Figure 25. Supply Current vs. Temperature
8 7.5
Supply Current (mA)
VDD = 5V
PSRR (dB)
-40 -50 -60 -70
VDD = 3V VDD = 5V
7 6.5 6 5.5 5
VDD = 3V
-80 10 100 1000 10000 100000
-45
-20
0
20
40
60
70
80
90
Frequency (Hz)
Temperature (C)
www.austriamicrosystems.com
Revision 1.51
7 - 17
AS1701, AS1706
austriam i c r o systems
Data Sheet
Figure 26. Output Power vs. Load Resistance; VDD = 5V
2.4 2
Figure 27. Output Power vs. Load Resistance; VDD = 3V
800 700
Output Power (W)
1.6 1.2 0.8 0.4 0 1
POUT@THD = 10%
Output Power (W)
600 500 400 300 200 100 0
POUT@THD = 10%
POUT@THD = 1%
POUT@THD = 1%
Load Resistance ()
10
100
1
Load Resistance ()
10
100
www.austriamicrosystems.com
Revision 1.51
8 - 17
AS1701, AS1706
austriam i c r o systems
Pin Assignments
Data Sheet
7 Pinout
Pin Assignments
Figure 28. Pin Assignment - 8-Pin MSOP Package (Top View)
SHDN 1
8 OUT-
BIAS 2
IN+ 3
AS1701/ AS1706
7 GND
6 VDD
IN- 4
5 OUT+
Pin Descriptions
Table 4. Pin Descriptions Pin Name Description Shutdown. Connect this pin to GND for the AS1701 (active-high); connect this pin to VDD for the AS1706 (active-low). DC Bias Bypass Non-Inverting Input Inverting Input Positive Differential Output Power Supply Ground Negative Differential Output
1 2 3 4 5 6 7 8
SHDN BIAS IN+ INOUT+ VDD GND OUT-
www.austriamicrosystems.com
Revision 1.51
9 - 17
AS1701, AS1706
austriam i c r o systems
Bias
Data Sheet
8 Detailed Description
The AS1701/AS1706 bridged audio power-amplifiers can deliver 1.6W into 4 while operating from a single 2.7 to 5.5V supply. The devices consist of two high-output-current operational amplifiers configured as a bridge-tied load (BTL) amplifier as shown in Figure 29.
Figure 29. AS1701 Typical Configuration Block Diagram
VDD 0.1F 20k RF
+
CS VDD
Audio Input
CIN 0.33F
RIN 20k
IN-
- + 40k 50k 40k OUT+ RL 4 or 8
IN+
BIAS 0.1 to + 1.0F CB Bias
VDD/2
- + Av = -1 OUT-
50k
SHDN
AS1701
GND
The gain of the devices is set by the closed-loop gain of the input operational amplifier. As shown in Figure 29, the output of the first amplifier serves as the input to the second amplifier, which is configured as an inverting unity-gain follower in both devices. This results in two outputs, identical in magnitude, and 180 out-of-phase.
Bias
The devices operate from a single 2.7 to 5.5V supply and contain an internally generated, common-mode bias voltage of: VDD/2 (EQ 1) referenced to ground. Bias provides click-and-pop suppression and sets the DC bias level for the audio outputs. For selection of the value for the bias bypass capacitor (CBIAS), see Bias Bypass Capacitor on page 13. Pin BIAS is internally connected to the non-inverting input of one amplifier, and should be connected to the non-inverting input of the other amplifier for proper signal biasing (see Figure 29).
Shutdown
The integrated 100nA, low-power shutdown circuitry reduces quiescent current consumption. As shutdown commences, the bias circuitry is automatically disabled, the device outputs go high impedance, and bias is driven to GND.
Note:
Connect SHDN to GND for the AS1701 (active-high); connect SHDN to VDD for the AS1706 (active-low).
Current Limit
The AS1701/AS1706 current limit circuitry protects the device during output short-circuit and overload conditions. When both amplifier outputs are shorted to either VDD or GND, the short-circuit protection is enabled and the amplifier enters a pulsing mode, reducing the average output current to a safe level. The amplifier remains in this mode until the short-circuit or overload condition is corrected.
www.austriamicrosystems.com
Revision 1.51
10 - 17
AS1701, AS1706
austriam i c r o systems
BTL Amplifier
Data Sheet
9 Application Information
BTL Amplifier
The AS1701/AS1706 are designed to drive loads differentially in a bridge-tied load (BTL) configuration.
Figure 30. Bridge-Tied Load Configuration
+1
VOUT(P-P)
2 x VOUT(P-P)
-1
VOUT(P-P)
Driving the load differentially doubles the output voltage (illustrated in Figure 30) compared to a single-ended amplifier under similar conditions. Thus, the differential gain of the device is twice the closed-loop gain of the input amplifier. The effective gain is calculated by:
AVD = 2 x RF RIN (EQ 2)
Substituting 2 x VOUT(P-P) into (EQ 3) and (EQ 4) yields four times the output power due to doubling of the output voltage.
VRMS = VOUT(P-P) 22
2
(EQ 3)
POUT = VRMS RL
(EQ 4)
Since the differential outputs are biased at mid-supply, there is no net DC voltage across the load, eliminating the need for the large, expensive, performance degrading DC-blocking capacitors required by single-ended amplifiers.
Power Dissipation and Heat Sinking
Normally, the devices dissipate a significant amount of power. The maximum power dissipation is given in Table 1 as Continuous Power Dissipation, or it can be calculated by:
PDISSPKF(MAX) = TJ(MAX) -TA JA (EQ 5)
where TJ(MAX) is +150C, TAMB (see Table 1) is the ambient temperature, and JA is the reciprocal of the derating factor in C/W. The increased power delivered by a BTL configuration normally results in increased internal power dissipation versus a single-ended configuration. The maximum internal power dissipation for a given VDD and load is calculated by:
PDISSPKF(MAX) = 2VDD
2
2RL
(EQ 6)
www.austriamicrosystems.com
Revision 1.51
11 - 17
AS1701, AS1706
austriam i c r o systems
Efficiency
Data Sheet
If the internal power dissipation exceeds the maximum allowed for a given package, power dissipation can be reduced by increasing the ground plane heat-sinking capabilities and increasing the size of the traces to the device (see Layout and Grounding Considerations on page 14). Additionally, reducing VDD, increasing load impedance, and decreasing ambient temperature can reduce device power dissipation. The integrated thermal-overload protection circuitry limits the total device power dissipation. Note that if the junction temperature is +145C, the integrated thermal-overload protection circuitry will disable the amplifier output stage. If the junction temperature is reduced by 9C, the amplifiers will be re-enabled.
Note: A pulsing output under continuous thermal overload results as the device heats and cools.
Efficiency
Efficiency of the AS1701/AS1706 is calculated by taking the ratio of the power delivered to the load, to the power consumed from the power supply. Output power is calculated by:
POUT = VPEAK
2
2RL
(EQ 7)
where VPEAK is half the peak-to-peak output voltage. In BTL amplifier configurations, the supply current waveform is a full-wave rectified sinusoid with the magnitude proportional to the peak output voltage and load. Calculate the supply current and power drawn from the power supply by:
IDD = 2VPEAK
RL
2VPEAK
(EQ 8)
PIN = VDD
RL
(EQ 9)
The efficiency of the AS1701/AS1706 is:
= POUT RIN = POUTRL 2 2VDD (EQ 10)
Component Selection
Gain-Setting Resistors
External feedback resistors RF and RIN (see Figure 1 on page 1) set the gain of the device as:
AVD = 2 x RF RIN (EQ 11)
Optimum output offset is achieved when RF = 20k. Device gain can be varied by changing the value of RIN. If used in a high-gain configuration (greater than 8V/V), a feedback capacitor may be required to maintain stability (see Figure 1 on page 1). CF and RF limit the bandwidth of the device, preventing high-frequency oscillations.
Note: Ensure that the pole created by CF and RF is not within the frequency band of interest.
www.austriamicrosystems.com
Revision 1.51
12 - 17
AS1701, AS1706
austriam i c r o systems
Click- and Pop-Less Operation
Data Sheet
Input Filter
Input capacitor CIN (if used), in conjunction with RIN, forms a high-pass filter that removes the DC bias from an incoming signal. CIN allows the amplifier to bias the signal to an optimum DC level. Assuming zero source impedance, the 3dB point of the high-pass filter is given by:
f-3dB = 1 2RINCIN (EQ 12)
Select the value for RIN as specified in Gain-Setting Resistors on page 12. Choose the value for CIN such that f-3dB is well below the lowest frequency of interest. Setting f-3dB too high can affect the low-frequency response of the device. Capacitors with dielectrics that have low-voltage coefficients such as tantalum or aluminum electrolytic should be used, since capacitors with high-voltage coefficients, such as ceramics, can increase distortion at low frequencies.
Note: Other considerations when designing the input filter include the overall constraints of the system, the frequency band of interest, and click-and-pop suppression. Although hi-fi audio specifies a flat gain response between 20Hz and 20kHz, portable voice reproduction devices such as mobile phones and two-way radios only need address the frequency range of the human voice (~ 300Hz to 3.5kHz). Additionally, speakers used in portable devices typically have poor response below 150Hz. In practice, the input filter may not need to be designed for the 20Hz to 20kHz range, which could save PCB space and design costs since only small capacitors would be required.
Bias Bypass Capacitor
The bias bypass capacitor, CBIAS, improves PSRR and THD+N by reducing power supply noise at the common-mode bias node, and serves as the primary click- and pop-suppression component. CBIAS is fed from an internal 25k source, and controls the rate at which the common-mode bias voltage rises at power-up and falls during shutdown. For optimal click- and pop-suppression, ensure that the input capacitor (CIN) is fully charged (ten time constants) before CBIAS. The value of CBIAS for best click- and pop-suppression is given by: CBIAS 10
CINRIN 25k (EQ 13)
Note: A larger CBIAS value yields higher PSRR.
Click- and Pop-Less Operation
AC-coupling capacitors (CIN) along with CBIAS facilitate click- and pop-less power-up and shutdown. The value of CBIAS determines the rate at which the mid-rail bias voltage rises on power-up and falls when entering shutdown. On power-up, CIN is charged to its quiescent DC voltage through the RF from the output. The current generated creates a voltage transient at the amplifier output, which can result in an audible pop. Minimizing the value of CIN reduces this effect, optimizing click-and-pop suppression. For more information see Bias on page 10 and Bias Bypass Capacitor on page 13.
Supply Bypassing
Proper power supply bypassing - connect a 0.1F ceramic capacitor in parallel with a 10F ceramic capacitor from VDD to GND - will ensure low-noise, low-distortion performance of the device. Additional bulk capacitance can be added as required.
Note: Place the capacitors as close to the device as possible.
Volume Control
The addition of a digital potentiometer (AS1500 family) used as an input attenuator, can provide simple volume control for the AS1701/AS1706. Connect the high terminal of the AS150x to the audio input, the low terminal to ground and the AS150x wiper to CIN (as shown in Figure 31). Setting the wiper to the top position passes the audio signal unattenuated; setting the wiper to the lowest position fully attenuates the input.
www.austriamicrosystems.com
Revision 1.51
13 - 17
AS1701, AS1706
austriam i c r o systems
Data Sheet
Figure 31. Volume Control Configuration
RF
Audio Input
H CIN RIN 4 IN-
AS1701/ AS1706
5 OUT+ 8 OUT-
AS150x
L
For more information on the AS1500 family of digital potentiometers, refer to the latest version of the AS150x data sheet, available from the austriamicrosystems website http://www.austriamicrosystems.com.
Layout and Grounding Considerations
Well designed PC board layout is essential for optimizing device performance. Use large traces for the power supply inputs and amplifier outputs to minimize losses due to parasitic trace resistance and route heat away from the device. Sufficient grounding improves audio performance, minimizes crosstalk between channels, and prevents digital switching noise from coupling onto the audio signal. Refer to Power Dissipation and Heat Sinking on page 11 for heat sinking considerations.
www.austriamicrosystems.com
Revision 1.51
14 - 17
AS1701, AS1706
austriam i c r o systems
Data Sheet
10 Package Drawings and Markings
Figure 32. 8-pin MSOP Package
Symbol
Millimeters
Tolerance
Symbol
Millimeters
Tolerance
A A1 A2 D D2 E E1 E2 E3 E4 R R1 t1 t2
Notes:
1.10 0.10 0.86 3.00 2.95 4.90 3.00 2.95 0.51 0.51 0.15 0.15 0.31 0.41
Max 0.05 0.08 0.10 0.10 0.15 0.10 0.10 0.13 0.13 +0.15 to -0.08 +0.15 to -0.08 0.08 0.08
b b1 c c1
1 2 3
0.33 0.30 0.18 0.15 3.0 12.0 12.0 0.55 0.95 BSC 0.10 0.08 0.25 .65 BSC .525 BSC
+0.07 to -0.08 0.05 0.05 +0.03 to -0.02 3.0 3.0 3.0 0.15
L L1 aaa bbb ccc e S
1. 2. 3. 4. 5. 6. 7.
All dimensions are in millimeters (angle in degrees), unless otherwise specified. Datums B and C to be determined at datum plane H. Dimensions D and E1 are to be determined at datum plane H. Dimensions D2 and E2 are for top package and D and E1 are for bottom package. Cross section A-A to be determined at 0.13 to 0.25mm from the lead tip. Dimensions D and D2 do not include mold flash, protrusion, or gate burrs. Dimension E1 and E2 do not include interlead flash or protrusion.
www.austriamicrosystems.com
Revision 1.51
15 - 17
AS1701, AS1706
austriam i c r o systems
Data Sheet
11 Ordering Information
The devices are available as the standard products shown in Table 5.
Table 5. Ordering Information Part Number Description SHDN Delivery Form Package Type
AS1701 AS1701-T AS1706 AS1706-T
1.6W Audio Power Amplifier 1.6W Audio Power Amplifier 1.6W Audio Power Amplifier 1.6W Audio Power Amplifier
Active-High Active-High Active-Low Active-Low
Tube Tape and Reel Tube Tape and Reel
8-pin MSOP 8-pin MSOP 8-pin MSOP 8-pin MSOP
www.austriamicrosystems.com
Revision 1.51
16 - 17
AS1701, AS1706
austriam i c r o systems
Data Sheet
Copyrights
Copyright (c) 1997-2005, austriamicrosystems AG, Schloss Premstaetten, 8141 Unterpremstaetten, Austria-Europe. Trademarks Registered (R). All rights reserved. The material herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. All products and companies mentioned are trademarks or registered trademarks of their respective companies.
Disclaimer
Devices sold by austriamicrosystems AG are covered by the warranty and patent indemnification provisions appearing in its Term of Sale. austriamicrosystems AG makes no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. austriamicrosystems AG reserves the right to change specifications and prices at any time and without notice. Therefore, prior to designing this product into a system, it is necessary to check with austriamicrosystems AG for current information. This product is intended for use in normal commercial applications. Applications requiring extended temperature range, unusual environmental requirements, or high reliability applications, such as military, medical life-support or lifesustaining equipment are specifically not recommended without additional processing by austriamicrosystems AG for each application. For shipments of less than 100 parts the manufacturing flow might show deviations from the standard production flow, such as test flow or test location. The information furnished here by austriamicrosystems AG is believed to be correct and accurate. However, austriamicrosystems AG shall not be liable to recipient or any third party for any damages, including but not limited to personal injury, property damage, loss of profits, loss of use, interruption of business or indirect, special, incidental or consequential damages, of any kind, in connection with or arising out of the furnishing, performance or use of the technical data herein. No obligation or liability to recipient or any third party shall arise or flow out of austriamicrosystems AG rendering of technical or other services.
Contact Information
Headquarters austriamicrosystems AG A-8141 Schloss Premstaetten, Austria
Tel: +43 (0) 3136 500 0 Fax: +43 (0) 3136 525 01 e-mail: info@austriamicrosystems.com For Sales Offices, Distributors and Representatives, please visit: http://www.austriamicrosystems.com
austriamicrosystems -
www.austriamicrosystems.com Revision 1.51
a leap ahead
17 - 17


▲Up To Search▲   

 
Price & Availability of AS17016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X